PART |
Description |
Maker |
XQ4036XL-3PQ432N XQ4062XL-3PQ432N XQ4013XL-3PQ432N |
QML High-Reliability FPGAs QML第高可靠性的FPGA
|
Xilinx, Inc.
|
XQ4028EX-3CB196N XQ4005E-3CB196M XQ4005EX-3CB196M |
INDUCTOR HIGH CURRENT 8.2UH QPRO XQ4000E/EX QML第高可靠性的FPGA QPRO XQ4000E/EX QML High-Reliability FPGAs FPGA, 400 CLBS, 7000 GATES, 125 MHz, CPGA191 Field Programmable Gate Array (FPGA) FPGA, 1024 CLBS, 18000 GATES, 143 MHz, PQFP240 QPRO XQ4000E/EX QML High-Reliability FPGAs QPRO XQ4000E/EX QML第高可靠性的FPGA Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-90 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:7; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:20-90 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-21 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight System Performance beyond 60 MHz
|
Xilinx, Inc. http://
|
XQ18V04 XQR18V04 XQ18V04VQ44N DS082 |
IEEE Std 1149.1 boundary-scan (JTAG) support QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
|
Xilinx, Inc.
|
5962-0153201QYX 5962D0153201QYX 5962L0153201QYA 59 |
1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish hot solder dipped. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish hot solder dipped. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish factory option. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish factory option. Total dose 5E4(50krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish hot solder dipped. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish factory option. Total dose none. 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 1E4(10krad(Si)). 1024K8 SRAM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish hot solder dipped. Total dose 3E4(30krad(Si)).
|
Aeroflex Circuit Technology
|
5962-01533 UT8Q512K32-SWC 8Q512K32 UT8Q512K32 UT8Q |
512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 3E4(30krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 5E4(50krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose 1E4(10krad(Si)). 16Megabit SRAM MCM 16Megabit的SRAM亿立方米 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose none 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class Q. Lead finish gold. Total dose none. 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 1E4(10krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 5E4(50krad(Si)). 512K32 16Megabit SRAM MCM: SMD. 25ns access time, 3.3V operation. QML class T. Lead finish gold. Total dose 3E4(30krad(Si)).
|
Aeroflex Circuit Techno... http:// AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
5962-9657901QRX |
RadHard MSI: SMD. Octal D flip-flop w/clear. Class Q, QML. Lead finish optional. Total dose none.
|
Aeroflex Circuit Technology
|
5962H9651401QXC |
RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish gold. Total dose 1E6 rads(Si).
|
Aeroflex Circuit Technology
|
5962-9659301QRX |
RadHard MSI: SMD. Octal driver, w/inverted three-state outputs. Class Q, QML. Lead finish optional. Total dose none.
|
Aeroflex Circuit Technology
|
5962-9658901QRX |
RadHard MSI: SMD. Octal transparent latches w/three-state outputs. Class Q, QML. Lead finish optional. Total dose none.
|
Aeroflex Circuit Technology
|
5962H9651401QCC |
RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish gold. Total dose 1E6 rads(Si).
|
Aeroflex Circuit Technology
|
5962H9651401QCX |
RadHard MSI: SMD. Quadruple 2-input NOR gates. Class Q, QML. Lead finish optional. Total dose 1E6 rads(Si).
|
Aeroflex Circuit Technology
|